Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 132Page - Renesas Technology Corp H8/3021 Datasheet HTML 133Page - Renesas Technology Corp H8/3021 Datasheet HTML 134Page - Renesas Technology Corp H8/3021 Datasheet HTML 135Page - Renesas Technology Corp H8/3021 Datasheet HTML 136Page - Renesas Technology Corp H8/3021 Datasheet HTML 137Page - Renesas Technology Corp H8/3021 Datasheet HTML 138Page - Renesas Technology Corp H8/3021 Datasheet HTML 139Page - Renesas Technology Corp H8/3021 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 112 of 684
REJ09B0352-0200
Bits 1 and 0—Wait Count 1 and 0 (WC1/0): These bits select the number of wait states inserted
in access to external three-state-access areas.
Bit1
WC1
Bit0
WC0
Description
0
0
No wait states inserted by wait-state controller
1
1 state inserted
1
0
2 states inserted
1
3 states inserted
(Initial value)
6.2.3
Wait State Controller Enable Register (WCER)
WCER is an 8-bit readable/writable register that enables or disables wait-state control of external
three-state-access areas by the wait-state controller.
Bit
Initial value
Read/Write
7
WCE7
1
R/W
6
WCE6
1
R/W
5
WCE5
1
R/W
4
WCE4
1
R/W
3
WCE3
1
R/W
0
WCE0
1
R/W
2
WCE2
1
R/W
1
WCE1
1
R/W
Wait state controller enable 7 to 0
These bits enable or disable wait-state control
WCER is initialized to H'FF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 0—Wait-State Controller Enable 7 to 0 (WCE7 to WCE0): These bits enable or
disable wait-state control of external three-state-access areas.
Bits 7 to 0
WCE7 to WCE0
Description
0
Wait-state control disabled (pin wait mode 0)
1
Wait-state control enabled
(Initial value)
WCER enables or disables wait-state control of external three-state-access areas. Therefore, in the
single-chip mode (mode 7), the set value is meaningless.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com