Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 133Page - Renesas Technology Corp H8/3021 Datasheet HTML 134Page - Renesas Technology Corp H8/3021 Datasheet HTML 135Page - Renesas Technology Corp H8/3021 Datasheet HTML 136Page - Renesas Technology Corp H8/3021 Datasheet HTML 137Page - Renesas Technology Corp H8/3021 Datasheet HTML 138Page - Renesas Technology Corp H8/3021 Datasheet HTML 139Page - Renesas Technology Corp H8/3021 Datasheet HTML 140Page - Renesas Technology Corp H8/3021 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 113 of 684
REJ09B0352-0200
6.2.4
Address Control Register (ADRCR)
ADRCR is an 8-bit readable/writable register that enables address output on bus lines A
23 to A21.
Bit
Initial value
Read/Write
Initial value
Read/Write
7
A23E
1
—
1
R/W
6
A22E
1
—
1
R/W
5
A21E
1
—
1
R/W
4
—
1
—
1
—
3
—
1
—
1
—
0
—
0
R/W
0
R/W
2
—
1
—
1
—
1
—
1
—
1
—
Address 23 to 21 enable
These bits enable PA6 to
PA4 to be used for A23 to
A21 address output
Reserved bits
Modes
1 and 5 to 7
Mode 3
ADRCR is initialized to H'FE by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Address 23 Enable (A
23E): Enables PA4 to be used as the A23 address output pin. Writing 0
in this bit enables A
23 address output from PA4. In modes other than 3 and 6 this bit cannot be
modified and PA
4 has its ordinary input/output functions
Bit 7
A
23E
Description
0
PA4 is the A
23 address output pin
1
PA4 is the PA
4/TP4/TIOCA1 input/output pin
(Initial value)
Bit 6—Address 22 Enable (A
22E): Enables PA5 to be used as the A22 address output pin. Writing 0
in this bit enables A
22 address output from PA5. In modes other than 3 and 6 this bit cannot be
modified and PA
5 has its ordinary input/output functions.
Bit 6
A
22E
Description
0
PA
5 is the A22 address output pin
1
PA
5 is the PA5/TP5/TIOCB1 input/output pin
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com