Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 186Page - Renesas Technology Corp H8/3021 Datasheet HTML 187Page - Renesas Technology Corp H8/3021 Datasheet HTML 188Page - Renesas Technology Corp H8/3021 Datasheet HTML 189Page - Renesas Technology Corp H8/3021 Datasheet HTML 190Page - Renesas Technology Corp H8/3021 Datasheet HTML 191Page - Renesas Technology Corp H8/3021 Datasheet HTML 192Page - Renesas Technology Corp H8/3021 Datasheet HTML 193Page - Renesas Technology Corp H8/3021 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 166 of 684
REJ09B0352-0200
7.10
Port A
7.10.1
Overview
Port A is an 8-bit input/output port that is also used for output (TP
7 to TP0) from the programmable
timing pattern controller (TPC), input and output (TIOCB
2, TIOCA2, TIOCB1, TIOCA1, TIOCB0,
TIOCA
0, TCLKD, TCLKC, TCLKB, TCLKA) by the 16-bit integrated timer unit (ITU), and
address output (A
23 to A20).
Figure 7.22 shows the pin configuration of port A.
Pins in port A can drive one TTL load and a 30-pF capacitive load. They can also drive a
Darlington transistor pair. Port A has Schmitt-trigger inputs.
Port A
PA /TP /TIOCB /A
PA /TP /TIOCA /A
PA /TP /TIOCB /A
PA /TP /TIOCA /A
PA /TP /TIOCB /TCLKD
PA /TP /TIOCA /TCLKC
PA /TP /TCLKB
PA /TP /TCLKA
PA
(input/output)/TP (output)/TIOCB (input/output)
PA
(input/output)/TP (output)/TIOCA (input/output)
PA
(input/output)/TP (output)/TIOCB (input/output)
PA
(input/output)/TP (output)/TIOCA (input/output)
PA
(input/output)/TP (output)/TIOCB (input/output)/TCLKD (input)
PA
(input/output)/TP (output)/TIOCA (input/output)/TCLKC (input)
PA
(input/output)/TP (output)/TCLKB (input)
PA
(input/output)/TP (output)/TCLKA (input)
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Port A pins
Modes 1, 5 and 7
7
6
5
4
3
2
1
0
20
21
22
23
2
2
1
1
0
0
2
2
1
1
0
0
A
(output)
PA
(input/output)/TP (output)/TIOCA (input/output) /A
(output)
PA
(input/output)/TP (output)/TIOCB (input/output) /A
(output)
PA
(input/output)/TP (output)/TIOCA (input/output) /A
(output)
PA
(input/output)/TP (output)/TIOCB (input/output)/TCLKD (input)
PA
(input/output)/TP (output)/TIOCA (input/output)/TCLKC (input)
PA
(input/output)/TP (output)/TCLKB (input)
PA
(input/output)/TP (output)/TCLKA (input)
6
5
4
3
2
1
0
6
5
4
3
2
1
0
Modes 3 and 6
2
1
1
21
22
23
0
0
20
Figure 7.22 Port A Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com