Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 184Page - Renesas Technology Corp H8/3021 Datasheet HTML 185Page - Renesas Technology Corp H8/3021 Datasheet HTML 186Page - Renesas Technology Corp H8/3021 Datasheet HTML 187Page - Renesas Technology Corp H8/3021 Datasheet HTML 188Page - Renesas Technology Corp H8/3021 Datasheet HTML 189Page - Renesas Technology Corp H8/3021 Datasheet HTML 190Page - Renesas Technology Corp H8/3021 Datasheet HTML 191Page - Renesas Technology Corp H8/3021 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 164 of 684
REJ09B0352-0200
7.9.3
Pin Functions
The port 9 pins are also used for SCI input and output (TxD, RxD, SCK), and for
IRQ
5 and IRQ4
input. Table 7.14 describes the selection of pin functions.
Table 7.14
Port 9 Pin Functions
Pin
Pin Functions and Selection Method
P9
5/SCK1/
IRQ
5
Bit C/A in SMR of SCI1, bits CKE0 and CKE1 in SCR of SCI1, and bit P9
5DDR
select the pin function as follows
CKE1
0
1
C/
A
0
1
—
CKE0
0
1
—
—
P9
5DDR
0
1
—
—
—
Pin function
P9
5
input
P9
5
output
SCK
1 output
SCK
1 output
SCK
1 input
IRQ
5 input
P9
4/SCK0/
IRQ
4
Bit C/A in SMR of SCI0, bits CKE0 and CKE1 in SCR of SCI, and bit P9
4DDR
select the pin function as follows
CKE1
0
1
C/
A
0
1
—
CKE0
0
1
—
—
P9
4DDR
0
1
—
—
—
Pin function
P9
4
input
P9
4
output
SCK
0 output
SCK
0 output
SCK
0 input
IRQ
4 input
P9
3/RxD1
Bit RE in SCR of SCI1 and bit P9
3DDR select the pin function as follows
RE
0
1
P9
3DDR
0
1
—
Pin function
P9
3 input
P9
3 output
RxD1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com