Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 180Page - Renesas Technology Corp H8/3021 Datasheet HTML 181Page - Renesas Technology Corp H8/3021 Datasheet HTML 182Page - Renesas Technology Corp H8/3021 Datasheet HTML 183Page - Renesas Technology Corp H8/3021 Datasheet HTML 184Page - Renesas Technology Corp H8/3021 Datasheet HTML 185Page - Renesas Technology Corp H8/3021 Datasheet HTML 186Page - Renesas Technology Corp H8/3021 Datasheet HTML 187Page - Renesas Technology Corp H8/3021 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 160 of 684
REJ09B0352-0200
Port 8 Data Direction Register (P8DDR): P8DDR is an 8-bit write-only register that can select
input or output for each pin in port 8.
7
—
1
—
6
—
1
—
5
—
1
—
4
—
0
W
3
—
0
W
2
—
0
W
1
P8 DDR
0
W
1
0
P8 DDR
0
W
0
Reserved bits
Port 8 data direction 1 and 0
These bits select input or
output for port 8 pins
Bit
Initial value
Read/Write
P8DDR is initialized to H'E0 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting. If a P8DDR bit is set to 1, the corresponding pin maintains its output
state in software standby mode.
Port 8 Data Register (P8DR): P8DR is an 8-bit readable/writable register that stores data for pins
P8
1 to P80.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
0
R/W
3
—
0
R/W
2
—
0
R/W
1
P8
0
R/W
1
0
P8
0
R/W
0
Reserved bits
Port 8 data 1 and 0
These bits store data
for port 8 pins
When a bit in P8DDR is set to 1, if port 8 is read the value of the corresponding P8DR bit is
returned directly. When a bit in P8DDR is cleared to 0, if port 8 is read the corresponding pin level
is read.
Bits 7 to 2 are reserved. Bits 7 to 5 cannot be modified and always read 1. Bit 4, 3, and 2 can be
written and read, but it cannot be used for port input or output. If bit 4, 3, and 2 of P8DDR is read
while its value is 1, bit 4, 3 and 2 of P8DR is read directly. If bit 4, 3, and 2 of P8DDR is read
while its value is 0, it always reads 1.
P8DR is initialized to H'E0 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com