Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 179Page - Renesas Technology Corp H8/3021 Datasheet HTML 180Page - Renesas Technology Corp H8/3021 Datasheet HTML 181Page - Renesas Technology Corp H8/3021 Datasheet HTML 182Page - Renesas Technology Corp H8/3021 Datasheet HTML 183Page - Renesas Technology Corp H8/3021 Datasheet HTML 184Page - Renesas Technology Corp H8/3021 Datasheet HTML 185Page - Renesas Technology Corp H8/3021 Datasheet HTML 186Page - Renesas Technology Corp H8/3021 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 159 of 684
REJ09B0352-0200
7.8
Port 8
7.8.1
Overview
Port 8 is a 2-bit input/output port that is also used for
IRQ
1 and IRQ0 input. Figure 7.20 shows the
pin configuration of port 8.
Pin P8
0 functions as input/output pin or as an IRQ0 input pin. Pins P81 function as either input pins
or
IRQ
1 input pins in modes 1, 3, 5, and 6, and as input/output pins or IRQ1 input pins in mode 7.
Pins in port 8 can drive one TTL load and a 90-pF capacitive load. They can also drive a
Darlington transistor pair. Pins P8
1 and P80 have Schmitt-trigger inputs.
Port 8
Port 8 pins
P81 (input)/IRQ1 (input)
P80 (input/output)/IRQ0 (input)
Modes 1, 3, 5, and 6
P81/IRQ1
P80/IRQ0
P81 (input/output)/IRQ1 (input)
P80 (input/output)/IRQ0 (input)
Mode 7
Figure 7.20 Port 8 Pin Configuration
7.8.2
Register Descriptions
Table 7.11 summarizes the registers of port 8.
Table 7.11
Port 8 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFCD
Port 8 data direction register
P8DDR
W
H'E0
H'FFCF
Port 8 data register
P8DR
R/W
H'E0
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com