Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 175Page - Renesas Technology Corp H8/3021 Datasheet HTML 176Page - Renesas Technology Corp H8/3021 Datasheet HTML 177Page - Renesas Technology Corp H8/3021 Datasheet HTML 178Page - Renesas Technology Corp H8/3021 Datasheet HTML 179Page - Renesas Technology Corp H8/3021 Datasheet HTML 180Page - Renesas Technology Corp H8/3021 Datasheet HTML 181Page - Renesas Technology Corp H8/3021 Datasheet HTML 182Page - Renesas Technology Corp H8/3021 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 155 of 684
REJ09B0352-0200
Table 7.9
Port 6 Pin Functions in Modes 1, 3, 5, and 6
Pin
Pin Functions and Selection Method
P6
5/WR
Functions as follows regardless of P6
5DDR
P6
5DDR
0
1
Pin function
WR output
P6
4/RD
Functions as follows regardless of P6
4DDR
P6
4DDR
0
1
Pin function
RD output
P6
3/AS
Functions as follows regardless of P6
3DDR
P6
3DDR
0
1
Pin function
AS output
P6
0/WAIT
Bits WCE7 to WCE0 in WCER, bit WMS1 in WCR, and bit P6
0DDR select the pin
function as follows
WCER
All 1s
Not all 1s
WMS1
0
1
—
P6
0DDR
0
1
0*
0*
Pin function
P6
0 input
P6
0 output
WAIT input
Note:
*
Do not set bit P6
0DDR to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com