Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 171Page - Renesas Technology Corp H8/3021 Datasheet HTML 172Page - Renesas Technology Corp H8/3021 Datasheet HTML 173Page - Renesas Technology Corp H8/3021 Datasheet HTML 174Page - Renesas Technology Corp H8/3021 Datasheet HTML 175Page - Renesas Technology Corp H8/3021 Datasheet HTML 176Page - Renesas Technology Corp H8/3021 Datasheet HTML 177Page - Renesas Technology Corp H8/3021 Datasheet HTML 178Page - Renesas Technology Corp H8/3021 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 151 of 684
REJ09B0352-0200
7.6
Port 6
7.6.1
Overview
Port 6 is a 4-bit input/output port that is also used for input and output of bus control signals (
WR,
RD, AS, and WAIT).
Figure 7.16 shows the pin configuration of port 6. In modes 1, 3, 5, and 6 the pin functions are
WR, RD, AS, and P6
0/WAIT. In mode 7, port 6 is a generic input/output port.
Pins in port 6 can drive one TTL load and a 90-pF capacitive load. They can also drive a
Darlington transistor pair.
Port 6
P6 /
P6 /
P6 /
P6 /
5
4
3
0
WR
RD
AS
WAIT
Port 6 pins
WR
RD
AS
P60
Modes 1, 3, 5 and 6
P6
P6
P6
P6
5
4
3
0
Mode 7
(input/output)
(input/output)
(input/output)
(input/output)
(output)
(output)
(output)
(input/output)/
WAIT (input)
Figure 7.16 Port 6 Pin Configuration
7.6.2
Register Descriptions
Table 7.8 summarizes the registers of port 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com