Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 169Page - Renesas Technology Corp H8/3021 Datasheet HTML 170Page - Renesas Technology Corp H8/3021 Datasheet HTML 171Page - Renesas Technology Corp H8/3021 Datasheet HTML 172Page - Renesas Technology Corp H8/3021 Datasheet HTML 173Page - Renesas Technology Corp H8/3021 Datasheet HTML 174Page - Renesas Technology Corp H8/3021 Datasheet HTML 175Page - Renesas Technology Corp H8/3021 Datasheet HTML 176Page - Renesas Technology Corp H8/3021 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 149 of 684
REJ09B0352-0200
7.5.3
Pin Functions in Each Mode
The pin functions differ between mode 1, 3 (expanded modes with on-chip ROM disabled), modes
5 and 6 (expanded modes with on-chip ROM enabled), and mode 7 (single-chip mode). The pin
functions in each mode are described below.
Modes 1 and 3: Address output can be selected for each pin in port 5. Figure 7.13 shows the pin
functions in modes 1 and 3.
Port 5
A
(output)
A
(output)
A
(output)
A
(output)
19
18
17
16
Figure 7.13 Pin Functions in Modes 1 and 3 (Port 5)
Modes 5 and 6: Address output or generic input can be selected for each pin in port 5. A pin
becomes an address output pin if the corresponding P5DDR bit is set to 1, and a generic input pin
if this bit is cleared to 0. Following a reset, all pins are input pins. To use a pin for address output,
its P5DDR must be set to 1. Figure 7.14 shows the pin functions in modes 5 and 6.
Port 5
A
(output)
A
(output)
A
(output)
A
(output)
19
18
17
16
When P5DDR = 1
P5
(input)
P5
(input)
P5
(input)
P5
(input)
3
2
1
0
When P5DDR = 0
Figure 7.14 Pin Functions in Modes 5 and 6 (Port 5)
Mode 7: Input or output can be selected separately for each pin in port 5. A pin becomes an output
pin if the corresponding P5DDR bit is set to 1, and an input pin if this bit is cleared to 0. Figure
7.15 shows the pin functions in mode 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com