Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 173Page - Renesas Technology Corp H8/3021 Datasheet HTML 174Page - Renesas Technology Corp H8/3021 Datasheet HTML 175Page - Renesas Technology Corp H8/3021 Datasheet HTML 176Page - Renesas Technology Corp H8/3021 Datasheet HTML 177Page - Renesas Technology Corp H8/3021 Datasheet HTML 178Page - Renesas Technology Corp H8/3021 Datasheet HTML 179Page - Renesas Technology Corp H8/3021 Datasheet HTML 180Page - Renesas Technology Corp H8/3021 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 153 of 684
REJ09B0352-0200
Port 6 Data Register (P6DR): P6DR is an 8-bit readable/writable register that stores data for pins
P6
5 to P63 and P60.
Bit
Initial value
Read/Write
7
—
1
—
6
—
0
R/W
5
P6
0
R/W
5
4
P6
0
R/W
4
3
P6
0
R/W
3
2
—
0
R/W
1
—
0
R/W
0
P6
0
R/W
0
Reserved bits
Port 6 data 5 to 3, 0
These bits store data for port 6 pins
When a bit in P6DDR is set to 1, if port 6 is read the value of the corresponding P6DR bit is
returned directly. When a bit in P6DDR is cleared to 0, if port 6 is read the corresponding pin level
is read. Bits 7, 6, 2, and 1 are reserved. Bit 7 cannot be modified and always reads 1. Bits 6, 2, and
1 can be written and read, but cannot be used as ports. If bit 6, 2, or 1 in P6DDR is read while its
value is 1, the value of the corresponding bit in P6DR will be read. If bit 6, 2, or 1 in P6DDR is
read while its value is 0, it will always read 1.
P6DR is initialized to H'80 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com