Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 216Page - Renesas Technology Corp H8/3021 Datasheet HTML 217Page - Renesas Technology Corp H8/3021 Datasheet HTML 218Page - Renesas Technology Corp H8/3021 Datasheet HTML 219Page - Renesas Technology Corp H8/3021 Datasheet HTML 220Page - Renesas Technology Corp H8/3021 Datasheet HTML 221Page - Renesas Technology Corp H8/3021 Datasheet HTML 222Page - Renesas Technology Corp H8/3021 Datasheet HTML 223Page - Renesas Technology Corp H8/3021 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 196 of 684
REJ09B0352-0200
Channel
Address*
1
Name
Abbre-
viation
R/W
Initial
Value
2
H'FF78
Timer control register 2
TCR2
R/W
H'80
H'FF79
Timer I/O control register 2
TIOR2
R/W
H'88
H'FF7A
Timer interrupt enable register 2
TIER2
R/W
H'F8
H'FF7B
Timer status register 2
TSR2
R/(W)*
2
H'F8
H'FF7C
Timer counter 2 (high)
TCNT2H
R/W
H'00
H'FF7D
Timer counter 2 (low)
TCNT2L
R/W
H'00
H'FF7E
General register A2 (high)
GRA2H
R/W
H'FF
H'FF7F
General register A2 (low)
GRA2L
R/W
H'FF
H'FF80
General register B2 (high)
GRB2H
R/W
H'FF
H'FF81
General register B2 (low)
GRB2L
R/W
H'FF
3
H'FF82
Timer control register 3
TCR3
R/W
H'80
H'FF83
Timer I/O control register 3
TIOR3
R/W
H'88
H'FF84
Timer interrupt enable register 3
TIER3
R/W
H'F8
H'FF85
Timer status register 3
TSR3
R/(W)*
2
H'F8
H'FF86
Timer counter 3 (high)
TCNT3H
R/W
H'00
H'FF87
Timer counter 3 (low)
TCNT3L
R/W
H'00
H'FF88
General register A3 (high)
GRA3H
R/W
H'FF
H'FF89
General register A3 (low)
GRA3L
R/W
H'FF
H'FF8A
General register B3 (high)
GRB3H
R/W
H'FF
H'FF8B
General register B3 (low)
GRB3L
R/W
H'FF
H'FF8C
Buffer register A3 (high)
BRA3H
R/W
H'FF
H'FF8D
Buffer register A3 (low)
BRA3L
R/W
H'FF
H'FF8E
Buffer register B3 (high)
BRB3H
R/W
H'FF
H'FF8F
Buffer register B3 (low)
BRB3L
R/W
H'FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com