Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 220Page - Renesas Technology Corp H8/3021 Datasheet HTML 221Page - Renesas Technology Corp H8/3021 Datasheet HTML 222Page - Renesas Technology Corp H8/3021 Datasheet HTML 223Page - Renesas Technology Corp H8/3021 Datasheet HTML 224Page - Renesas Technology Corp H8/3021 Datasheet HTML 225Page - Renesas Technology Corp H8/3021 Datasheet HTML 226Page - Renesas Technology Corp H8/3021 Datasheet HTML 227Page - Renesas Technology Corp H8/3021 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 200 of 684
REJ09B0352-0200
Bit 4
SYNC4
Description
0
Channel 4’s timer counter (TCNT4) operates independently
TCNT4 is preset and cleared independently of other channels
(Initial value)
1
Channel 4 operates synchronously
TCNT4 can be synchronously preset and cleared
Bit 3—Timer Sync 3 (SYNC3): Selects whether channel 3 operates independently or
synchronously.
Bit 3
SYNC3
Description
0
Channel 3’s timer counter (TCNT3) operates independently
TCNT3 is preset and cleared independently of other channels
(Initial value)
1
Channel 3 operates synchronously
TCNT3 can be synchronously preset and cleared
Bit 2—Timer Sync 2 (SYNC2): Selects whether channel 2 operates independently or
synchronously.
Bit 2
SYNC2
Description
0
Channel 2’s timer counter (TCNT2) operates independently
TCNT2 is preset and cleared independently of other channels
(Initial value)
1
Channel 2 operates synchronously
TCNT2 can be synchronously preset and cleared
Bit 1—Timer Sync 1 (SYNC1): Selects whether channel 1 operates independently or
synchronously.
Bit 1
SYNC1
Description
0
Channel 1’s timer counter (TCNT1) operates independently
TCNT1 is preset and cleared independently of other channels
(Initial value)
1
Channel 1 operates synchronously
TCNT1 can be synchronously preset and cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com