Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 266Page - Renesas Technology Corp H8/3021 Datasheet HTML 267Page - Renesas Technology Corp H8/3021 Datasheet HTML 268Page - Renesas Technology Corp H8/3021 Datasheet HTML 269Page - Renesas Technology Corp H8/3021 Datasheet HTML 270Page - Renesas Technology Corp H8/3021 Datasheet HTML 271Page - Renesas Technology Corp H8/3021 Datasheet HTML 272Page - Renesas Technology Corp H8/3021 Datasheet HTML 273Page - Renesas Technology Corp H8/3021 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 246 of 684
REJ09B0352-0200
8.4.6
Complementary PWM Mode
In complementary PWM mode channels 3 and 4 are combined to output three pairs of
complementary, non-overlapping PWM waveforms.
When complementary PWM mode is selected TIOCA
3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and
TOCXB
4 automatically become PWM output pins, and TCNT3 and TCNT4 function as up/down-
counters.
Table 8.7 lists the PWM output pins. Table 8.8 summarizes the register settings.
Table 8.7
Output Pins in Complementary PWM Mode
Channel
Output Pin
Description
3
TIOCA
3
PWM output 1
TIOCB
3
PWM output 1'
(non-overlapping complementary waveform to PWM output 1)
4
TIOCA
4
PWM output 2
TOCXA
4
PWM output 2'
(non-overlapping complementary waveform to PWM output 2)
TIOCB
4
PWM output 3
TOCXB
4
PWM output 3'
(non-overlapping complementary waveform to PWM output 3)
Table 8.8
Register Settings in Complementary PWM Mode
Register
Setting
TCNT3
Initially specifies the non-overlap margin (difference to TCNT4)
TCNT4
Initially set to H'0000
GRA3
Specifies the upper limit value of TCNT3 minus 1
GRB3
Specifies a transition point of PWM waveforms output from TIOCA
3 and TIOCB3
GRA4
Specifies a transition point of PWM waveforms output from TIOCA
4 and TOCXA4
GRB4
Specifies a transition point of PWM waveforms output from TIOCB
4 and TOCXB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com