Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 267Page - Renesas Technology Corp H8/3021 Datasheet HTML 268Page - Renesas Technology Corp H8/3021 Datasheet HTML 269Page - Renesas Technology Corp H8/3021 Datasheet HTML 270Page - Renesas Technology Corp H8/3021 Datasheet HTML 271Page - Renesas Technology Corp H8/3021 Datasheet HTML 272Page - Renesas Technology Corp H8/3021 Datasheet HTML 273Page - Renesas Technology Corp H8/3021 Datasheet HTML 274Page - Renesas Technology Corp H8/3021 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 247 of 684
REJ09B0352-0200
Setup Procedure for Complementary PWM Mode: Figure 8.33 shows a sample procedure for
setting up complementary PWM mode.
Complementary PWM mode
1. Clear bits STR3 and STR4 to 0 in
TSTR to halt the timer counters.
Complementary PWM mode must be
set up while TCNT3 and TCNT4 are
halted.
Complementary PWM mode
Stop counting
1
Select counter clock
2
Select complementary
PWM mode
3
Set TCNTs
4
Set general registers
5
Start counters
6
2. Set bits TPSC2 to TPSC0 in TCR to
select the same counter clock source
for channels 3 and 4. If an external
clock source is selected, select the
external clock edge(s) with bits
CKEG1 and CKEG0 in TCR. Do not
select any counter clear source
with bits CCLR1 and CCLR0 in TCR.
3. Set bits CMD1 and CMD0 in TFCR
to select complementary PWM mode.
TIOCA3, TIOCB3, TIOCA4, TIOCB4,
TOCXA4, and TOCXB4 automatically
become PWM output pins.
4. Clear TCNT4 to H'0000. Set the
non-overlap margin in TCNT3. Do not
set TCNT3 and TCNT4 to the same
value.
5. GRA3 is the waveform period
register. Set the upper limit value of
TCNT3 minus 1 in GRA3. Set
transition times of the PWM output
waveforms in GRB3, GRA4, and
GRB4. Set times within the compare
match range of TCNT3 and TCNT4.
T
X (X: initial setting of GRB3,
GRA4, or GRB4. T: initial setting of
TCNT3)
≤
6. Set bits STR3 and STR4 in TSTR to
1 to start TCNT3 and TCNT4.
Note: After exiting complementary PWM mode, to resume operating in complementary
PWM mode, follow the entire setup procedure from step 1 again.
Figure 8.33 Setup Procedure for Complementary PWM Mode (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com