Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 312Page - Renesas Technology Corp H8/3021 Datasheet HTML 313Page - Renesas Technology Corp H8/3021 Datasheet HTML 314Page - Renesas Technology Corp H8/3021 Datasheet HTML 315Page - Renesas Technology Corp H8/3021 Datasheet HTML 316Page - Renesas Technology Corp H8/3021 Datasheet HTML 317Page - Renesas Technology Corp H8/3021 Datasheet HTML 318Page - Renesas Technology Corp H8/3021 Datasheet HTML 319Page - Renesas Technology Corp H8/3021 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 292 of 684
REJ09B0352-0200
9.2.3
Port B Data Direction Register (PBDDR)
PBDDR is an 8-bit write-only register that selects input or output for each pin in port B.
Bit
Initial value
Read/Write
7
PB DDR
0
W
Port B data direction 7, 5 to 0
These bits select input or
output for port B pins
7
6
—
0
W
5
PB DDR
0
W
5
4
PB DDR
0
W
4
3
PB DDR
0
W
3
2
PB DDR
0
W
2
1
PB DDR
0
W
1
0
PB DDR
0
W
0
Reserved bit
Port B is multiplexed with pins TP
15, TP13 to TP8. Bits corresponding to pins used for TPC output
must be set to 1. For further information about PBDDR, see section 7.11, Port B.
9.2.4
Port B Data Register (PBDR)
PBDR is an 8-bit readable/writable register that stores TPC output data for groups 2 and 3, when
these TPC output groups are used.
Bit
Initial value
Read/Write
Note: * Bits selected for TPC output by NDERB settings become read-only bits.
0
PB
0
R/(W)
0
1
PB
0
R/(W)
1
2
PB
0
R/(W)
2
3
PB
0
R/(W)
3
4
PB
0
R/(W)
4
5
PB
0
R/(W)
5
6
—
0
R/(W)
7
PB
0
R/(W)
7
Port B data 7, 5 to 0
These bits store output data
for TPC output groups 2 and 3
**
*
*
*
*
*
*
Reserved bit
For further information about PBDR, see section 7.11, Port B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com