Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 315Page - Renesas Technology Corp H8/3021 Datasheet HTML 316Page - Renesas Technology Corp H8/3021 Datasheet HTML 317Page - Renesas Technology Corp H8/3021 Datasheet HTML 318Page - Renesas Technology Corp H8/3021 Datasheet HTML 319Page - Renesas Technology Corp H8/3021 Datasheet HTML 320Page - Renesas Technology Corp H8/3021 Datasheet HTML 321Page - Renesas Technology Corp H8/3021 Datasheet HTML 322Page - Renesas Technology Corp H8/3021 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 295 of 684
REJ09B0352-0200
9.2.6
Next Data Register B (NDRB)
NDRB is an 8-bit readable/writable register that stores the next output data for TPC output groups
3 and 2 (pins TP
15 to TP8)*. During TPC output, when an ITU compare match event specified in
TPCR occurs, NDRB contents are transferred to the corresponding bits in PBDR. The address of
NDRB differs depending on whether TPC output groups 3 and 2 have the same output trigger or
different output triggers.
NDRB is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Note: Since this LSI does not have a TP
14 pin, the TP14 signal cannot be output to the outside.
Same Trigger for TPC Output Groups 3 and 2: If TPC output groups 3 and 2 are triggered by
the same compare match event, the NDRB address is H'FFA4. The upper 4 bits belong to group 3
and the lower 4 bits to group 2. Address H'FFA6 consists entirely of reserved bits that cannot be
modified and always read 1.
Address H'FFA4
Bit
Initial value
Read/Write
7
NDR15
0
R/W
6
NDR14
0
R/W
5
NDR13
0
R/W
4
NDR12
0
R/W
3
NDR11
0
R/W
2
NDR10
0
R/W
1
NDR9
0
R/W
0
NDR8
0
R/W
Next data 11 to 8
These bits store the next output
data for TPC output group 2
Next data 15 to 12
These bits store the next output
data for TPC output group 3
Address H'FFA6
Bit
Initial value
Read/Write
0
—
1
—
1
—
1
—
2
—
1
—
3
—
1
—
4
—
1
—
5
—
1
—
6
—
1
—
7
—
1
—
Reserved bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com