Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 3Page - Renesas Technology Corp SH7021 Datasheet HTML 4Page - Renesas Technology Corp SH7021 Datasheet HTML 5Page - Renesas Technology Corp SH7021 Datasheet HTML 6Page - Renesas Technology Corp SH7021 Datasheet HTML 7Page - Renesas Technology Corp SH7021 Datasheet HTML 8Page - Renesas Technology Corp SH7021 Datasheet HTML 9Page - Renesas Technology Corp SH7021 Datasheet HTML 10Page - Renesas Technology Corp SH7021 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 509 page
background image
Organization of This Manual
Table 1 describes how this manual is organized. Figure 1 shows the relationships between the
Sections within this manual.
Table 1 Manual Organization
Category
Section Title
Abbrevi-
ation
Contents
Overview
1.
Overview
—
Features, internal block diagram, pin layout,
pin functions
CPU
2.
CPU
CPU
Register configuration, data structure.
instruction features, instruction types,
instruction lists
Operating
Modes
3.
Operating
Modes
—
MCU mode, PROM mode
Internal
Modules
4.
Exception
Processing
—
Resets, address errors, interrupts, trap
instructions, illegal instructions
5.
Interrupt
Controller
INTC
NMI interrupts, user break interrupts, IRQ
interrupts, on-chip module interrupts
6.
User Break
Controller
UBC
Break address and break bus cycles selection
Clock
7.
Clock Pulse
Generator
CPG
Crystal pulse generator, duty correction circuit
Buses
8.
Bus State
Controller
BSC
Division of memory space, DRAM interface,
refresh, wait state control, parity control
9.
Direct Memory
Access
Controller
DMAC
Auto request, external request, on-chip
peripheral module request, cycle steal mode,
burst mode
Timers
10. 16-Bit
Integrated-
Timer Pulse
Unit
ITU
Waveform output mode, input capture
function, counter clear function, buffer
operation, PWM mode, complementary PWM
mode, reset synchronized mode, synchronized
operation, phase counting mode, compare
match output mode
11. Programmable
Timing Pattern
Controller
TPC
Compare match output triggers, non-overlap
operation
12. Watchdog
Timer
WDT
Watchdog timer mode, interval timer mode
Data
Processing
13. Serial
Communica-
tion Interface
SCI
Asynchronous mode, clock synchronous
mode, multiprocessor communication function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com