Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 18Page - Renesas Technology Corp SH7021 Datasheet HTML 19Page - Renesas Technology Corp SH7021 Datasheet HTML 20Page - Renesas Technology Corp SH7021 Datasheet HTML 21Page - Renesas Technology Corp SH7021 Datasheet HTML 22Page - Renesas Technology Corp SH7021 Datasheet HTML 23Page - Renesas Technology Corp SH7021 Datasheet HTML 24Page - Renesas Technology Corp SH7021 Datasheet HTML 25Page - Renesas Technology Corp SH7021 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 509 page
background image
RENESAS 1
Section 1 Overview
1.1
SuperH Microcomputer Features
The SuperH microcomputer (SH7000 series) is a new generation reduced instruction set computer
(RISC) in which a Hitachi-original CPU and the peripheral functions required for system
configuration are integrated onto a single chip.
The CPU has a RISC-type instruction set. Most instructions can be executed in one clock cycle,
which strikingly improves instruction execution speed. In addition, the CPU has a 32-bit internal
architecture for enhanced data-processing ability. As a result, the CPU enables high-performance
systems to be constructed with advanced functionality at low cost, even in applications such as
realtime control that require very high speeds, an impossibility with conventional microcomputers.
The SH microcomputer includes peripheral functions such as large-capacity ROM, RAM, a direct
memory access controller (DMAC), timers, a serial communication interface (SCI), an interrupt
controller (INTC), and I/O ports. External memory access support functions enable direct
connection to SRAM and DRAM. These features can drastically reduce system cost.
For on-chip ROM, masked ROM or electrically programmable ROM (PROM) can be selected.
The PROM version can be programmed by users with a general-purpose EPROM programmer.
Table 1.1 lists the features of the SH microcomputers (SH7020 and SH7021).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com