Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 69Page - Renesas Technology Corp SH7021 Datasheet HTML 70Page - Renesas Technology Corp SH7021 Datasheet HTML 71Page - Renesas Technology Corp SH7021 Datasheet HTML 72Page - Renesas Technology Corp SH7021 Datasheet HTML 73Page - Renesas Technology Corp SH7021 Datasheet HTML 74Page - Renesas Technology Corp SH7021 Datasheet HTML 75Page - Renesas Technology Corp SH7021 Datasheet HTML 76Page - Renesas Technology Corp SH7021 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 509 page
background image
RENESAS 53
Table 4.5
Address Error Sources
Bus Cycle
Type
Bus Master
Operation
Address Error
Instruction fetch
CPU
Instruction fetch from even address
None (normal)
Instruction fetch from odd address
Address error
Instruction fetch from outside on-chip
peripheral module space
None (normal)
Instruction fetch from on-chip peripheral
module space
Address error
Data read/write
CPU or DMAC
Access to word data from even address
None (normal)
Access to word data from odd address
Address error
Access to long word data aligned on long
word boundary
None (normal)
Access to long word data not aligned on
long word boundary
Address error
Access to word or byte data in on-chip
peripheral module space*
None (normal)
Access to long word data in 16-bit on-chip
peripheral module space*
None (normal)
Access to long word data in 8-bit on-chip
peripheral module space*
Address error
Note:
See section 8, Bus State Controller, for details on the on-chip peripheral module space.
4.3.2
Address Error Exception Processing
When an address error occurs, address error exception processing starts after both the bus cycle
that caused the address error and the instructions that were being executed at that time have been
completed. The CPU then:
1. Pushes the SR onto the stack.
2. Pushes the program counter onto the stack. The PC value saved is the top address of the
instruction following the last instruction to be executed.
3. Fetches the exception service routine start address from the exception vector table for the
address error that occurred and starts program execution from that address. The branch that
occurs here is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com