Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 93Page - Renesas Technology Corp SH7021 Datasheet HTML 94Page - Renesas Technology Corp SH7021 Datasheet HTML 95Page - Renesas Technology Corp SH7021 Datasheet HTML 96Page - Renesas Technology Corp SH7021 Datasheet HTML 97Page - Renesas Technology Corp SH7021 Datasheet HTML 98Page - Renesas Technology Corp SH7021 Datasheet HTML 99Page - Renesas Technology Corp SH7021 Datasheet HTML 100Page - Renesas Technology Corp SH7021 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 509 page
background image
78 RENESAS
BARL: Break address register L.
Bit:
15
14
13
12
11
10
9
8
Bit name:
BA15
BA14
BA13
BA12
BA11
BA10
BA9
BA8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
BARL Bits 15–0 (break address 15–0 (BA15–BA0)): BA15–BA0 store the lower bit values
(bits 15–0) of the address of the break condition.
6.2.2
Break Address Mask Register (BAMR)
The two break address mask registers—break address mask register H (BAMRH) and break
address mask register L (BARML)—together form a single group. Both are 16-bit read/write
registers. BAMRH determines which of the bits in the break address set in BARH are masked.
BAMRL determines which of the bits in the break address set in BARL are masked. A reset
initializes BAMRH and BARML to H'0000. They are not initialized in the standby mode.
BAMRH: Break address mask register H.
Bit:
15
14
13
12
11
10
9
8
Bit name:
BAM31
BAM30
BAM29
BAM28
BAM27
BAM26
BAM25
BAM24
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
BAM23
BAM22
BAM21
BAM20
BAM19
BAM18
BAM17
BAM16
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
BAMRH bits 15–0 (break address mask 31–16 (BAM31–BAM16)): BAM31–BAM16 specify
whether bits BA31–BA16 of the break address set in BARH are masked or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com