Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 76Page - Renesas Technology Corp SH7021 Datasheet HTML 77Page - Renesas Technology Corp SH7021 Datasheet HTML 78Page - Renesas Technology Corp SH7021 Datasheet HTML 79Page - Renesas Technology Corp SH7021 Datasheet HTML 80Page - Renesas Technology Corp SH7021 Datasheet HTML 81Page - Renesas Technology Corp SH7021 Datasheet HTML 82Page - Renesas Technology Corp SH7021 Datasheet HTML 83Page - Renesas Technology Corp SH7021 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 509 page
background image
RENESAS 61
Section 5 Interrupt Controller (INTC)
5.1
Overview
The interrupt controller (INTC) determines the priority of interrupt sources and controls interrupt
requests to the CPU. INTC has registers for assigning priority levels to interrupt sources. These
registers handle interrupt requests according to user-established priorities.
5.1.1
Features
The interrupt controller has the following features:
•
16 settable priority levels: Five interrupt priority registers can set 16 levels of interrupt
priorities for IRQ and on-chip peripheral interrupt sources.
•
The INTC has an NMI input level T bit that indicates NMI pin status. By reading this bit with
the interrupt exception service routine, the pin status can be checked for use in a noise
canceller function.
•
The interrupt controller can notify external devices (via the
IRQOUT pin) that an onchip
interrupt has been occured. In this way an external device can, for example, be informed if an
on-chip interrupt occurs while the chip is operating in a bus-released mode and the bus has
been requested.
5.1.2
Block Diagram
Figure 5.1 is a block diagram of the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com