Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 94Page - Renesas Technology Corp SH7021 Datasheet HTML 95Page - Renesas Technology Corp SH7021 Datasheet HTML 96Page - Renesas Technology Corp SH7021 Datasheet HTML 97Page - Renesas Technology Corp SH7021 Datasheet HTML 98Page - Renesas Technology Corp SH7021 Datasheet HTML 99Page - Renesas Technology Corp SH7021 Datasheet HTML 100Page - Renesas Technology Corp SH7021 Datasheet HTML 101Page - Renesas Technology Corp SH7021 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 509 page
background image
RENESAS 79
BAMRL: Break address mask register L.
Bit:
15
14
13
12
11
10
9
8
Bit name:
BAM15
BAM14
BAM13
BAM12
BAM11
BAM10
BAM9
BAM8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
BAM7
BAM6
BAM5
BAM4
BAM3
BAM2
BAM1
BAM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
BAMRL bits 15–0 (break address mask 15–0 (BAM15–BAM0)): BAM15–BAM0 specify
whether bits BA15–BA0 of the break address set in BARH are masked or not.
Bits 15–0: BAMn
Description
0
Break address bit BAn is included in the break condition (initial value)
1
Break address bit BAn is not included in the break condition
n = 31–0
6.2.3
Break Bus Cycle Register (BBR)
The break bus cycle register (BBR) is a 16-bit read/write register that selects the following four
break conditions:
•
CPU cycle or DMA cycle
•
Instruction fetch or data access
•
Read or write
•
Operand size (byte, word, long word).
A reset initializes BBR to H'0000. It is not initialized in the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com