Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 26Page - Renesas Technology Corp SH7021 Datasheet HTML 27Page - Renesas Technology Corp SH7021 Datasheet HTML 28Page - Renesas Technology Corp SH7021 Datasheet HTML 29Page - Renesas Technology Corp SH7021 Datasheet HTML 30Page - Renesas Technology Corp SH7021 Datasheet HTML 31Page - Renesas Technology Corp SH7021 Datasheet HTML 32Page - Renesas Technology Corp SH7021 Datasheet HTML 33Page - Renesas Technology Corp SH7021 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 509 page
background image
RENESAS 9
1.3.2
Pin Functions
Table 1.3 describes the pin functions.
Table 1.3
Pin Functions
Type
Symbol
Pin No.
I/O
Name and Function
Power
VCC
13, 38,
63, 73,
80, 88
I
Power: Connected to the power supply. Connect all
VCC pins to the system power supply . The chip will not
operate if any VCC pin is left unconnected.
VSS
4, 15, 24,
32, 41,
50, 59,
70, 81,
82, 92
I
Ground: Connected to ground. Connect all VSS pins to
the system ground. The chip will not operate if any VSS
pin is left unconnected.
VPP
76*
I
RES pin in the MCU mode. Apply +12.5V when
programming the PROM in the SH7021 (PROM
version).
Clock
EXTAL
71
I
Crystal/external clock: Connected to a crystal resonator
or external clock input having the same frequency as
the system clock (CK).
XTAL
72
I
Crystal: Connected to a crystal resonator with the same
frequency as the system clock (CK). If an external clock
is input at the EXTAL pin, leave XTAL open.
CK
69
O
System clock: Supplies the system clock (CK) to
peripheral devices.
System
control
RES
76
I
Reset: Low input causes a power-on reset if NMI is
high, or a manual reset if NMI is low.
WDTOVF
75
O
Watchdog timer overflow: Overflow output signal from
the watchdog timer.
BREQ
60
I
Bus request: Driven low by an external device to
request the bus ownership.
BACK
58
O
Bus request acknowledge: Indicates that bus ownership
has been granted to an external device. By receiving
the BACK signal, a device that has sent a BREQ signal
can confirm that it has been granted the bus.
Note:
Pin 76 is RES in the SH7020, SH7021 (Masked ROM version) and Vpp in the SH7021
(PROM version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com