Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 27Page - Renesas Technology Corp SH7021 Datasheet HTML 28Page - Renesas Technology Corp SH7021 Datasheet HTML 29Page - Renesas Technology Corp SH7021 Datasheet HTML 30Page - Renesas Technology Corp SH7021 Datasheet HTML 31Page - Renesas Technology Corp SH7021 Datasheet HTML 32Page - Renesas Technology Corp SH7021 Datasheet HTML 33Page - Renesas Technology Corp SH7021 Datasheet HTML 34Page - Renesas Technology Corp SH7021 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 509 page
background image
10 RENESAS
Table 1.3
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name and Function
Operating
mode
control
MD2,
MD1,
MD0
79–77
I
Mode select: Selects the operating mode. Do not
change these inputs while the chip is operating. The
following table lists the possible operating modes and
their corresponding MD2–MD0 values.
MD2 MD1
MD0
Operating
Mode
On-chip
ROM
Bus
Size in
Area 0
0
0
0
MCU mode
Disabled
8 bits
0
0
1
16 bits
0
1
0
Enabled*
1
0
1
1
(Reserved)
10
0
10
1
11
0
1
1
1
PROM
mode*
2
Interrupts
NMI
74
I
Nonmaskable interrupt: Nonmaskable interrupt request
signal. The rising or falling edge can be selected for
signal detection.
IRQ0–
IRQ7
65–68,
97–100
I
Interrupt request 0–7: Maskable interrupt request
signals. Level input or edge-triggered input can be
selected.
IRQOUT
61
O
Slave interrupt request output: Indicates occurrence of
an interrupt while the bus is released.
Address
bus
A21–A0
45–42, 40,
39, 37–33,
31–25,
23–20
O
Address bus: Outputs addresses.
Data bus
AD15–
AD0
19–16, 14,
12-5, 3–1
I/O
Data bus: 16-bit bidirectional data bus that is
multiplexed with the lower 16 bits of the address bus.
DPH
64
I/O
Upper data bus parity: Parity data for D15–D8.
DPL
62
I/O
Lower data bus parity: Parity data for D7–D0.
Bus
control
WAIT
54
I
Wait: Requests the insertion of wait states (TW) into
the bus cycle when the external address space is
accessed.
Notes : 1.Use prohibited in the SH7020 Romless version.
2.Can only be used in the SH7021 ZTAT version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com