Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7021 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 19Page - Renesas Technology Corp SH7021 Datasheet HTML 20Page - Renesas Technology Corp SH7021 Datasheet HTML 21Page - Renesas Technology Corp SH7021 Datasheet HTML 22Page - Renesas Technology Corp SH7021 Datasheet HTML 23Page - Renesas Technology Corp SH7021 Datasheet HTML 24Page - Renesas Technology Corp SH7021 Datasheet HTML 25Page - Renesas Technology Corp SH7021 Datasheet HTML 26Page - Renesas Technology Corp SH7021 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 509 page
background image
2 RENESAS
Table 1.1
Features of the SH7020 and SH7021 Microcomputers
Feature
Description
CPU
Original Hitachi architecture
32-bit internal data paths
General-register machine:
• Sixteen 32-bit general registers
• Three 32-bit control registers
• Four 32-bit system registers
RISC-type instruction set:
• Instruction length: 16-bit fixed length for improved code
efficiency
• Load-store architecture (basic arithmetic and logic operations
are executed between registers)
• Delayed unconditional branch instructions reduce pipeline
disruption
• Instruction set optimized for C language
Instruction execution time: one instruction/cycle (50 ns/instruction
at 20-MHz operation)
Address space: 4 Gbytes available on the architecture
On-chip multiplier: multiplication operations (16 bits
× 16 bits →
32 bits) executed in 1–3 cycles, and multiplication/accumulation
operations (16 bits
× 16 bits + 42 bits → 42 bits) executed in 2–3
cycles
Five-stage pipeline
Operating modes
Operating modes:
• On-chip ROMless mode
• On-chip ROM mode
Processing states:
• Power-on reset state
• Manual reset state
• Exception processing state
• Program execution state
• Power-down state
• Bus-released state
Power-down states:
• Sleep mode
• Software standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com