Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 440Page - Renesas Technology Corp H8/3003 Datasheet HTML 441Page - Renesas Technology Corp H8/3003 Datasheet HTML 442Page - Renesas Technology Corp H8/3003 Datasheet HTML 443Page - Renesas Technology Corp H8/3003 Datasheet HTML 444Page - Renesas Technology Corp H8/3003 Datasheet HTML 445Page - Renesas Technology Corp H8/3003 Datasheet HTML 446Page - Renesas Technology Corp H8/3003 Datasheet HTML 447Page - Renesas Technology Corp H8/3003 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 715 page
background image
13.1.3 Input/Output Pins
The SCI has serial pins for each channel as listed in table 13-1.
Table 13-1 SCI Pins
Channel
Name
Abbreviation
I/O
Function
0
Serial clock pin
SCK0
Input/output
SCI0 clock input/output
Receive data pin
RxD0
Input
SCI0 receive data input
Transmit data pin
TxD0
Output
SCI0 transmit data output
1
Serial clock pin
SCK1
Input/output
SCI1 clock input/output
Receive data pin
RxD1
Input
SCI1 receive data input
Transmit data pin
TxD1
Output
SCI1 transmit data output
13.1.4 Register Configuration
The SCI has internal registers as listed in table 13-2. These registers select asynchronous or
synchronous mode, specify the data format and bit rate, and control the transmitter and receiver
sections.
Table 13-2 Registers
Channel
Address*1
Name
Abbreviation
R/W
Initial Value
0
H'FFB0
Serial mode register
SMR
R/W
H'00
H'FFB1
Bit rate register
BRR
R/W
H'FF
H'FFB2
Serial control register
SCR
R/W
H'00
H'FFB3
Transmit data register
TDR
R/W
H'FF
H'FFB4
Serial status register
SSR
R/(W)*2
H'84
H'FFB5
Receive data register
RDR
R
H'00
1
H'FFB8
Serial mode register
SMR
R/W
H'00
H'FFB9
Bit rate register
BRR
R/W
H'FF
H'FFBA
Serial control register
SCR
R/W
H'00
H'FFBB
Transmit data register
TDR
R/W
H'FF
H'FFBC
Serial status register
SSR
R/(W)*2
H'84
H'FFBD
Receive data register
RDR
R
H'00
Notes: 1. Lower 16 bits of the address.
2. Only 0 can be written, to clear flags.
426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com