Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 442Page - Renesas Technology Corp H8/3003 Datasheet HTML 443Page - Renesas Technology Corp H8/3003 Datasheet HTML 444Page - Renesas Technology Corp H8/3003 Datasheet HTML 445Page - Renesas Technology Corp H8/3003 Datasheet HTML 446Page - Renesas Technology Corp H8/3003 Datasheet HTML 447Page - Renesas Technology Corp H8/3003 Datasheet HTML 448Page - Renesas Technology Corp H8/3003 Datasheet HTML 449Page - Renesas Technology Corp H8/3003 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 715 page
background image
13.2.3 Transmit Shift Register (TSR)
TSR is the register that transmits serial data.
The SCI loads transmit data from TDR into TSR, then transmits the data serially from the TxD
pin, LSB (bit 0) first. After transmitting one data byte, the SCI automatically loads the next
transmit data from TDR into TSR and starts transmitting it. If the TDRE flag is set to 1 in SSR,
however, the SCI does not load the TDR contents into TSR. The CPU cannot read or write TSR
directly.
13.2.4 Transmit Data Register (TDR)
TDR is an 8-bit register that stores data for serial transmission.
When the SCI detects that TSR is empty, it moves transmit data written in TDR from TDR into
TSR and starts serial transmission. Continuous serial transmission is possible by writing the next
transmit data in TDR during serial transmission from TSR.
The CPU can always read and write TDR. TDR is initialized to H'FF by a reset and in standby
mode.
Bit
Initial value
Read/Write
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Initial value
Read/Write
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com