Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 443Page - Renesas Technology Corp H8/3003 Datasheet HTML 444Page - Renesas Technology Corp H8/3003 Datasheet HTML 445Page - Renesas Technology Corp H8/3003 Datasheet HTML 446Page - Renesas Technology Corp H8/3003 Datasheet HTML 447Page - Renesas Technology Corp H8/3003 Datasheet HTML 448Page - Renesas Technology Corp H8/3003 Datasheet HTML 449Page - Renesas Technology Corp H8/3003 Datasheet HTML 450Page - Renesas Technology Corp H8/3003 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 715 page
background image
13.2.5 Serial Mode Register (SMR)
SMR is an 8-bit register that specifies the SCI serial communication format and selects the clock
source for the baud rate generator.
The CPU can always read and write SMR. SMR is initialized to H'00 by a reset and in standby
mode.
Bit
Initial value
Read/Write
7
C/A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/E
0
R/W
3
STOP
0
R/W
0
CKS0
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
Communication mode
Selects asynchronous or synchronous mode
Clock select 1/0
These bits select the
baud rate generator’s
clock source
Character length
Selects character length in asynchronous mode
Parity enable
Selects whether a parity bit is added
Parity mode
Selects even or odd parity
Stop bit length
Selects the stop bit length
Multiprocessor mode
Selects the multiprocessor
function
429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com