Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 521Page - Renesas Technology Corp H8/3003 Datasheet HTML 522Page - Renesas Technology Corp H8/3003 Datasheet HTML 523Page - Renesas Technology Corp H8/3003 Datasheet HTML 524Page - Renesas Technology Corp H8/3003 Datasheet HTML 525Page - Renesas Technology Corp H8/3003 Datasheet HTML 526Page - Renesas Technology Corp H8/3003 Datasheet HTML 527Page - Renesas Technology Corp H8/3003 Datasheet HTML 528Page - Renesas Technology Corp H8/3003 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 715 page
background image
Table 16-2 Crystal Resonator Parameters
Frequency (MHz)
24810
12
16
20
24
Rs max (
Ω)
500
120
80
70
60
50
40
40
Co (pF)
7 pF max
Clock-Halving Version: Use a crystal resonator with a frequency equal to twice the system clock
frequency (ø).
1:1 Version: Use a crystal resonator with a frequency equal to the system clock frequency (ø).
Notes on Board Design: When a crystal resonator is connected, the following points should be
noted:
Other signal lines should be routed away from the oscillator circuit to prevent induction from
interfering with correct oscillation. See figure 16-4.
When the board is designed, the crystal resonator and its load capacitors should be placed as close
as possible to the XTAL and EXTAL pins.
Figure 16-4 Example of Incorrect Board Design
XTAL
EXTAL
CL2
CL1
H8/3003
Avoid
Signal A
Signal B
507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com