Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 523Page - Renesas Technology Corp H8/3003 Datasheet HTML 524Page - Renesas Technology Corp H8/3003 Datasheet HTML 525Page - Renesas Technology Corp H8/3003 Datasheet HTML 526Page - Renesas Technology Corp H8/3003 Datasheet HTML 527Page - Renesas Technology Corp H8/3003 Datasheet HTML 528Page - Renesas Technology Corp H8/3003 Datasheet HTML 529Page - Renesas Technology Corp H8/3003 Datasheet HTML 530Page - Renesas Technology Corp H8/3003 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 715 page
background image
External Clock
•
Clock-halving version
The external clock signal should have a frequency equal to twice the system clock frequency
(ø) and a duty cycle of 40% to 60%.
•
1:1 version
The external clock frequency should be equal to the system clock frequency (ø). Table 16-3
and figure 16-6 indicate the clock timing.
Table 16-3 Clock Timing
VCC = 2.7 to 5.5 V VCC = 5.0 V ± 10%
Item
Symbol
Min
Max
Min
Max
Unit Test Conditions
External clock rise
tEXr
—10
—
5
ns
time
External clock fall
tEXf
—10
—
5
ns
time
—
30
70
30
70
%
ø
≥ 5 MHz
40
60
40
60
%
ø < 5 MHz
—
40
60
40
60
%
Figure 16-6 External Clock Input Timing
EXTAL
tEXr
tEXf
a
tcyc
VCC × 0.5
Ø
b
tcyc
VCC × 0.5
External clock
input duty (a/tcyc)
ø clock width
duty (b/tcyc)
Figure
16-6
509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com