Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 525Page - Renesas Technology Corp H8/3003 Datasheet HTML 526Page - Renesas Technology Corp H8/3003 Datasheet HTML 527Page - Renesas Technology Corp H8/3003 Datasheet HTML 528Page - Renesas Technology Corp H8/3003 Datasheet HTML 529Page - Renesas Technology Corp H8/3003 Datasheet HTML 530Page - Renesas Technology Corp H8/3003 Datasheet HTML 531Page - Renesas Technology Corp H8/3003 Datasheet HTML 532Page - Renesas Technology Corp H8/3003 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 715 page
background image
Section 17 Power-Down State
17.1 Overview
The H8/3003 has a power-down state that greatly reduces power consumption by halting CPU
functions. The power-down state includes the following three modes:
•
Sleep mode
•
Software standby mode
•
Hardware standby mode
Table 17-1 indicates the methods of entering and exiting these power-down modes and the status
of the CPU and on-chip supporting modules in each mode.
Table 17-1 Power-Down State
State
Entering
CPU
Refresh
Supporting
I/O
Exiting
Mode
Conditions
Clock
CPU
Registers DMAC Controller
Functions
RAM
Ports
Conditions
Sleep
SLEEP instruc- Active
Halted
Held
Active
Active
Active
Held
Held
• Interrupt
mode
tion executed
•
RES
while SSBY = 0
•
STBY
in SYSCR
Software
SLEEP instruc- Halted
Halted
Held
Halted
Halted
Halted
Held
Held
• NMI
standby
tion executed
and
and
and
• IRQ0 to IRQ2
mode
while SSBY = 1
reset
held*1
reset
•
RES
in SYSCR
•
STBY
Hardware Low input at
Halted
Halted
Undeter
Halted
Halted
Halted
Held*2 High
•
STBY
standby
STBY pin
mined
and
and
and
impedance •
RES
mode
reset
reset
reset
Notes: 1. The refresh timer counter (RTCNT) and bits 7 and 6 of the refresh timer control/status register (RTMCSR) are
initialized. Other bits and registers hold their previous states.
2. The RAME bit must be cleared to 0 in SYSCR before the transition from the program execution state to hardware
standby mode.
Legend
SYSCR: System control register
SSBY:
Software standby bit
511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com