Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 529Page - Renesas Technology Corp H8/3003 Datasheet HTML 530Page - Renesas Technology Corp H8/3003 Datasheet HTML 531Page - Renesas Technology Corp H8/3003 Datasheet HTML 532Page - Renesas Technology Corp H8/3003 Datasheet HTML 533Page - Renesas Technology Corp H8/3003 Datasheet HTML 534Page - Renesas Technology Corp H8/3003 Datasheet HTML 535Page - Renesas Technology Corp H8/3003 Datasheet HTML 536Page - Renesas Technology Corp H8/3003 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 715 page
background image
17.4 Software Standby Mode
17.4.1 Transition to Software Standby Mode
To enter software standby mode, execute the SLEEP instruction while the SSBY bit is set to 1 in
SYSCR.
In software standby mode, current dissipation is reduced to an extremely low level because the
CPU, clock, and on-chip supporting modules all halt. The DMAC and on-chip supporting modules
are reset. As long as the specified voltage is supplied, however, CPU register contents and on-chip
RAM data are retained. The settings of the I/O ports and refresh controller* are also held.
Note: * The refresh timer counter (RTCNT) and bits 7 and 6 of the refresh timer control/status
register (RTMCSR) are initialized. Other bits and registers hold their previous states.
17.4.2 Exit from Software Standby Mode
Software standby mode can be exited by input of an external interrupt at the NMI, IRQ0, IRQ1, or
IRQ2 pin, or by input at the RES or STBY pin.
Exit by Interrupt: When an NMI, IRQ0, IRQ1, or IRQ2 interrupt request signal is received, the
clock oscillator begins operating. After the oscillator settling time selected by bits STS2 to STS0
in SYSCR, stable clock signals are supplied to the entire H8/3003 chip, software standby mode
ends, and interrupt exception handling begins. Software standby mode is not exited if the interrupt
enable bits of interrupts IRQ0, IRQ1, and IRQ2 are cleared to 0, or if these interrupts are masked
in the CPU.
Exit by
RES Input: When the RES input goes low, the clock oscillator starts and clock pulses are
supplied immediately to the entire H8/3003 chip. The
RES signal must be held low long enough
for the clock oscillator to stabilize. When
RES goes high, the CPU starts reset exception handling.
Exit by
STBY Input: Low input at the STBY pin causes a transition to hardware standby mode.
515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com