Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 530Page - Renesas Technology Corp H8/3003 Datasheet HTML 531Page - Renesas Technology Corp H8/3003 Datasheet HTML 532Page - Renesas Technology Corp H8/3003 Datasheet HTML 533Page - Renesas Technology Corp H8/3003 Datasheet HTML 534Page - Renesas Technology Corp H8/3003 Datasheet HTML 535Page - Renesas Technology Corp H8/3003 Datasheet HTML 536Page - Renesas Technology Corp H8/3003 Datasheet HTML 537Page - Renesas Technology Corp H8/3003 Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 715 page
background image
17.4.3 Selection of Waiting Time for Exit from Software Standby Mode
Bits STS2 to STS0 in SYSCR should be set as follows.
Crystal Resonator: Set STS2 to STS0 so that the waiting time (for the clock to stabilize) is at
least 8 ms. Table 17-3 indicates the waiting times that are selected by STS2 to STS0 settings at
various system clock frequencies.
External Clock: Any value may be set in the clock-halving version. Normally the minimum value
(STS2 = STS1 = STS0 = 1) is recommended. In the 1:1 clock version, any value other than the
minimum value may be set.
Table 17-3 Clock Frequency and Waiting Time for Clock to Settle
Waiting
STS2 STS1 STS0 Time
16 MHZ 12 MHz 10 MHz 8 MHz
6 MHz
4 MHz
2 MHz
Unit
0
0
0
8192
0.51
0.65
0.8
1.0
1.3
2.0
4.1
ms
states
0
0
1
16384
1.0
1.3
1.6
2.0
2.7
4.1
8.2
states
0
1
0
32768
2.0
2.7
3.3
4.1
5.5
8.2
16.4
states
0
1
1
65536
4.1
5.5
6.6
8.2
10.9
16.4
32.8
states
1
0
—
131072
8.2
10.9
13.1
16.4
21.8
32.8
65.5
states
1
1
—
4 states* 0.25
0.33
0.4
0.5
0.67
1.0
2.0
µs
: Recommended setting
Note: * This setting cannot be used in the 1:1 clock version.
516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com