Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 534Page - Renesas Technology Corp H8/3003 Datasheet HTML 535Page - Renesas Technology Corp H8/3003 Datasheet HTML 536Page - Renesas Technology Corp H8/3003 Datasheet HTML 537Page - Renesas Technology Corp H8/3003 Datasheet HTML 538Page - Renesas Technology Corp H8/3003 Datasheet HTML 539Page - Renesas Technology Corp H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 715 page
background image
18.2 Electrical Characteristics
18.2.1 DC Characteristics
Table 18-2 lists the DC characteristics. Table 18-3 lists the permissible output currents.
Table 18-2 DC Characteristics
Conditions: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC,
VSS = AVSS = 0 V*, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
Port A,
VT–
1.0
—
—
V
P80 to P82,VT+
——VCC × 0.7 V
PB0 to PB3
VT+ – VT– 0.4
—
—
V
Input high
RES, STBY,
VIH
VCC – 0.7 —
VCC + 0.3 V
voltage
NMI, MD2 to
MD0
EXTAL
VCC × 0.7 —
VCC + 0.3 V
Port 7
2.0
—
AVCC + 0.3 V
Ports 4, 5, 6,
2.0
—
VCC + 0.3 V
9, C, P83, P84,
PB4 to PB7,
D15 to D8
Input low
RES, STBY,
VIL
–0.3
—
0.5
V
voltage
MD2 to MD0
NMI, EXTAL,
–0.3
—
0.8
V
ports 4, 5, 6, 7,
9, C, P83, P84,
PB4 to PB7,
D15 to D8
All output pins VOH
VCC – 0.5 —
—
V
IOH = –200 µA
3.5
—
—
V
IOH = –1 mA
Note: * If the A/D converter is not used, do not leave the AVCC, AVSS, and VREF pins open.
Connect AVCC and VREF to VCC, and connect AVSS to VSS.
Output high
voltage
Schmitt
trigger input
voltages
520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com