Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 538Page - Renesas Technology Corp H8/3003 Datasheet HTML 539Page - Renesas Technology Corp H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp H8/3003 Datasheet HTML 543Page - Renesas Technology Corp H8/3003 Datasheet HTML 544Page - Renesas Technology Corp H8/3003 Datasheet HTML 545Page - Renesas Technology Corp H8/3003 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 715 page
background image
Table 18-2 DC Characteristics (cont)
Conditions: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V*1, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
NMI
CIN
——50pF
All input pins
—
—
15
except NMI
Current
Normal
ICC*4
—
30
36.2
mA
f = 8 MHz
dissipation*2
operation
(5.0 V)
(5.5 V)
Sleep mode
—
20
27.4
mA
f = 8 MHz
(5.0 V)
(5.5 V)
—
0.01
5.0
µA
Ta ≤ 50°C
—
—
20.0
µA
50°C < Ta
AICC
—
1.0
2.0
mA
AVCC = 3.0 V
—
1.2
—
mA
AVCC = 5.0 V
Idle
—
0.01
5.0
µA
AICC
—
0.2
0.4
mA
VREF = 3.0 V
—
0.3
—
mA
VREF = 5.0 V
Idle
—
0.01
5.0
µA
RAM standby voltage
VRAM
2.0
—
—
V
Notes: 1. If the A/D converter is not used, do not leave the AVCC, AVSS, and VREF pins open.
Connect AVCC and VREF to VCC, and connect AVSS to VSS.
2. Current dissipation values are for VIHmin = VCC – 0.5 V and VILmax = 0.5 V with all output
pins unloaded and the on-chip pull-up transistors in the off state.
3. The values are for VRAM ≤ VCC < 2.7 V, VIHmin = VCC × 0.9, and VILmax = 0.3 V.
4. ICC depends on VCC and f as follows:
ICCmax = 1.0 (mA) + 0.8 (mA/MHz · V) × VCC × f [normal mode]
ICCmax = 1.0 (mA) + 0.6 (mA/MHz · V) × VCC × f [sleep mode]
Input
capacitance
VIN = 0 V
f = 1 MHz
Ta = 25°C
Analog power
During A/D
supply current
conversion
Reference
During A/D
current
conversion
Standby
mode*3
524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com