Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 544 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp H8/3003 Datasheet HTML 543Page - Renesas Technology Corp H8/3003 Datasheet HTML 544Page - Renesas Technology Corp H8/3003 Datasheet HTML 545Page - Renesas Technology Corp H8/3003 Datasheet HTML 546Page - Renesas Technology Corp H8/3003 Datasheet HTML 547Page - Renesas Technology Corp H8/3003 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 715 page
background image
Table 18-2 DC Characteristics (cont)
Conditions: VCC = 3.0 V to 5.5 V, AVCC = 3.0 V to 5.5 V, VREF = 3.0 V to AVCC,
VSS = AVSS = 0 V*1, Ta = –20°C to +75°C (normalspecification product),
Ta = –40°C to +85°C (extended temperature range specification product)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
Ports 4, 5, 6,
|ITS1|
—
—
1.0
µA
VIN = 0.5 to
8 to C, A19 to
VCC – 0.5 V
A0, D15 to D8
RESO
—
—
10.0
µA
Ports 4 and 5
–IP
10
—
300
µA
VCC = 3.0 V to
5.5 V,
VIN = 0 V
NMI
CIN
—
—
50
pF
VIN = 0 V
All input pins
—
—
15
pF
f = 1MHz
except NMI
Ta = 25°C
Normal
ICC*4
—
38
45
mA
f = 10 MHz
operation
—
(5.0 V) (5.5 V)
Sleep
—
27
34
mA
f = 10 MHz
—
(5.0 V) (5.5 V)
Standby*3-[
—
0.01
5.0
µA
Ta ≤ 50°C
—
—
20.0
50°C < Ta
AICC
—
1.0
2.0
mA
AVCC = 3.0 V
—
1.2
—
AVCC = 5.0 V
—
0.01
5.0
µA
AICC
—
0.2
0.4
mA
VREF = 3.0 V
—
0.3
—
VREF = 5.0 V
—
0.01
5.0
µA
RAM standby voltage
VRAM
2.0
—
—
V
Notes: 1. When the A/D converter is not used, do not leave the AVCC, VREF, and AVSS pins open.
Connect the AVCC and VREF pins to VCC, and the AVSS pin to VSS.
2. The current dissipation value is the value when all output pins are unloaded and the on-
chip pull-up MOS is off under the following conditions: VIH min = VCC to 0.5 V, VIL
max = 0.5 V.
3. When VRAM ≤ VCC < 3.0 V, the value is for the case where VIHmin = VCC × 0.9, and
VILmax = 0.3 V.
4. ICC is dependent upon VCC and f in accordance with the following formulas.
ICCmax = 1.0 (mA) + 0.8 (mA/MHz · V) × VCC × f
[normal mode]
ICCmax = 1.0 (mA) + 0.6 (mA/MHz · V) × VCC × f
[sleep mode]
526
Three-state
leakage
current
(off state)
Input pull
-up current
Input
capacitance
Current
dissipation*2
Analog
power
supply
Reference
power
supply
current
During A/D
conversion
A/D conversion
standby
During A/D
conversion
A/D conversion
standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com