Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 543 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 543 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 539Page - Renesas Technology Corp H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp H8/3003 Datasheet HTML 543Page - Renesas Technology Corp H8/3003 Datasheet HTML 544Page - Renesas Technology Corp H8/3003 Datasheet HTML 545Page - Renesas Technology Corp H8/3003 Datasheet HTML 546Page - Renesas Technology Corp H8/3003 Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 715 page
background image
Table 18-2 DC Characteristics (cont)
Conditions: VCC = 3.0 V to 5.5 V, AVCC = 3.0 V to 5.5 V, VREF = 3.0 V to AVCC,
VSS = AVSS = 0 V*1, Ta = –20°C to +75°C (normalspecification product),
Ta = –40°C to +85°C (extended temperature range specification product)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
VT–
VCC × 0.2 —
—
V
VT+
——
VCC × 0.7 V
VT+ – VT– VCC × 0.07 —
—
V
RES, STBY,
VIH
VCC × 0.9 —
VCC + 0.3 V
NMI, MD2 to
MD0
EXTAL
VCC × 0.7 —
VCC + 0.3 V
Port 7
VCC × 0.7 —
AVCC + 0.3 V
VCC × 0.7 —
VCC + 0.3 V
Input low
RES, STBY,
VIL
–0.3
—
VCC × 0.1 V
VCC < 4.0 V
voltage
MD2 to MD0
–0.3
—
VCC × 0.2 V
0.8
VCC = 4.0 to 5.5 V
All output pins
VOH
VCC – 0.5 —
—
V
IOH = –200 µA
VCC – 1.0 —
—
V
VCC ≤ 4.5 V
IOH = –1 mA
3.5
—
—
V
4.5 V < VCC ≤ 5.5 V
IOH = –1 mA
Output low
All output pins
VOL
—
—
0.4
V
IOL = 1.6 mA
voltage
(except
RESO)
Ports 5 and B,
—
—
1.0
V
VCC ≤ 4.0 V,
A19 to A0
IOL = 8 mA,
4.0 V < VCC ≤ 5.5 V,
IOL = 10 mA
RESO
—
—
0.4
V
IOL = 2.6 mA
Input
STBY, NMI,
|IIN|
—
—
1.0
µA
VIN = 0.5 to
leakage
RES,VCC – 0.5 V
current
MD2 to MD0
Port 7
—
—
1.0
µA
VIN = 0.5 to
AVCC – 0.5 V
525
Schmitt
trigger input
voltage
Port A,
P80 to P82,
PB0 to PB3
Input high
voltage
NMI, EXTAL,
Ports 4, 5, 6, 7, 9,
C, P83, P84, PB4
to PB7, D15 to D8
Output high
voltage
Ports 4, 5, 6, 9,
C, P83, P84, PB4
to PB7, D15 to D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com