Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 536Page - Renesas Technology Corp H8/3003 Datasheet HTML 537Page - Renesas Technology Corp H8/3003 Datasheet HTML 538Page - Renesas Technology Corp H8/3003 Datasheet HTML 539Page - Renesas Technology Corp H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp H8/3003 Datasheet HTML 543Page - Renesas Technology Corp H8/3003 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 715 page
background image
Table 18-2 DC Characteristics (cont)
Conditions: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC,
VSS = AVSS = 0 V*1, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
Analog power
During A/D
AICC
—
1.2
2.0
mA
supply current
conversion
Idle
—
0.01
5.0
µA
Reference
During A/D
AICC
—
0.3
0.6
mA
VREF = 5.0 V
current
conversion
Idle
—
0.01
5.0
µA
RAM standby voltage
VRAM
2.0
—
—
V
Notes: 1. If the A/D converter is not used, do not leave the AVCC, AVSS, and VREF pins open.
Connect AVCC and VREF to VCC, and connect AVSS to VSS.
2. Current dissipation values are for VIHmin = VCC – 0.5 V and VILmax = 0.5 V with all output
pins unloaded and the on-chip pull-up transistors in the off state.
3. The values are for VRAM < VCC < 4.5 V, VIHmin = VCC × 0.9, and VILmax = 0.3 V.
Conditions: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V*, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
VT–
VCC × 0.2
—
—
V
VT+
——
VCC × 0.7
V
VT+ – VT– VCC × 0.07 —
—
V
Input high
RES, STBY,
VIH
VCC × 0.9
—
VCC + 0.3
V
voltage
NMI, MD2 to
MD0
EXTAL
VCC × 0.7
—
VCC + 0.3
V
Port 7
VCC × 0.7
—
AVCC + 0.3 V
Ports 4, 5, 6,
VCC × 0.7
—
VCC + 0.3
V
9, C, P83, P84,
PB4 to PB7,
D15 to D8
Note: * If the A/D converter is not used, do not leave the AVCC, AVSS, and VREF pins open.
Connect AVCC and VREF to VCC, and connect AVSS to VSS.
Schmitt
Port A,
trigger input
P80 to P82,
voltages
PB0 to PB3
522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com