Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 535Page - Renesas Technology Corp H8/3003 Datasheet HTML 536Page - Renesas Technology Corp H8/3003 Datasheet HTML 537Page - Renesas Technology Corp H8/3003 Datasheet HTML 538Page - Renesas Technology Corp H8/3003 Datasheet HTML 539Page - Renesas Technology Corp H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp H8/3003 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 715 page
background image
Table 18-2 DC Characteristics (cont)
Conditions: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC ,
VSS = AVSS = 0 V*1, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Output low
All output pins VOL
—
—
0.4
V
IOL = 1.6 mA
voltage
(except
RESO)
Ports 5 and B,
—
—
1.0
V
IOL = 10 mA
A19 to A0
RESO
—
—
0.4
V
IOL = 2.6 mA
Input leakage
STBY, NMI,
|IIN|
—
—
1.0
µA
VIN = 0.5 to
current
RES,VCC – 0.5 V
MD2 to MD0
Port 7
—
—
1.0
µA
VIN = 0.5 to
AVCC – 0.5 V
Ports 4, 5, 6,
|ITS1|
—
—
1.0
µA
VIN = 0.5 to
8 to C, A19 to
VCC – 0.5 V
A0, D15 to D8
RESO
—
—
10.0
µA
VIN = 0.5 to
VCC – 0.5 V
Input pull-up Ports 4 and 5
–IP
50
—
300
µA
VIN = 0 V
current
NMI
CIN
——50
pF
All input pins
—
—
15
except NMI
ICC
—
35
55
mA
f = 10 MHz
—
40
65
mA
f = 12 MHz
—
50
80
mA
f = 16 MHz
Sleep mode
—
25
40
mA
f = 10 MHz
—
30
45
mA
f = 12 MHz
—
35
60
mA
f = 16 MHz
—
0.01
5.0
µA
Ta ≤ 50°C
—
—
20.0
µA
50°C < Ta
Notes: 1. If the A/D converter is not used, do not leave the AVCC, AVSS, and VREF pins open.
Connect AVCC and VREF to VCC, and connect AVSS to VSS.
2. Current dissipation values are for VIHmin = VCC – 0.5 V and VILmax = 0.5 V with all output
pins unloaded and the on-chip pull-up transistors in the off state.
3. The values are for VRAM ≤ VCC < 4.5 V, VIHmin = VCC × 0.9, and VILmax = 0.3 V.
Current
Normal
dissipation*2 operation
Input
capacitance
Three-state
leakage
current
(off state)
VIN = 0 V
f = 1 MHz
Ta = 25°C
Standby
mode*3
521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com