Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 537Page - Renesas Technology Corp H8/3003 Datasheet HTML 538Page - Renesas Technology Corp H8/3003 Datasheet HTML 539Page - Renesas Technology Corp H8/3003 Datasheet HTML 540Page - Renesas Technology Corp H8/3003 Datasheet HTML 541Page - Renesas Technology Corp H8/3003 Datasheet HTML 542Page - Renesas Technology Corp H8/3003 Datasheet HTML 543Page - Renesas Technology Corp H8/3003 Datasheet HTML 544Page - Renesas Technology Corp H8/3003 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 715 page
background image
Table 18-2 DC Characteristics (cont)
Conditions: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V*, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit Test Conditions
Input low
RES, STBY,
VIL
–0.3
—
VCC × 0.1 V
voltage
MD2 to MD0
–0.3
—
VCC × 0.2 V
VCC < 4.0 V
0.8
V
VCC =
4.0 to 5.5 V
All output pins VOH
VCC – 0.5 —
—
V
IOH = –200 µA
VCC – 1.0 —
—
V
VCC ≤ 4.5 V
IOH = –1 mA.
3.5
—
—
V
4.5 V < VCC ≤ 5.5 V
IOH = –1 mA
Output low
All output pins VOL
—
—
0.4
V
IOL = 1.6 mA
voltage
(except
RESO)
Ports 5 and B,
—
—
1.0
V
VCC ≤ 4 V
A19 to A0
IOL = 8 mA,
4 V < VCC ≤ 5.5 V
IOL = 10 mA
RESO
—
—
0.4
V
IOL = 2.6 mA
Input leakage
STBY, NMI,
|IIN|
—
—
1.0
µA
VIN = 0.5 to
current
RES,
VCC – 0.5 V
MD2 to MD0
Port 7
—
—
1.0
µA
VIN = 0.5 to
AVCC – 0.5 V
Ports 4, 5, 6,
|ITS1|
—
—
1.0
µA
VIN = 0.5 to
8 to C, A19 to
VCC – 0.5 V
A0, D15 to D8
RESO
—
—
10.0
µA
VIN = 0.5 to
VCC – 0.5 V
Ports 4 and 5
–IP
10
—
300
µA
VCC = 2.7 V to
5.5 V,
VIN = 0 V
Note: * If the A/D converter is not used, do not leave the AVCC, AVSS, and VREF pins open.
Connect AVCC and VREF to VCC, and connect AVSS to VSS.
Output high
voltage
NMI, EXTAL,
ports 4, 5, 6, 7,
9, C, P83, P84
PB4 to PB7,
D15 to D8
Three-state
leakage
current
(off state)
Input pull-up
current
523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com