Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 547 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 547 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 543Page - Renesas Technology Corp H8/3003 Datasheet HTML 544Page - Renesas Technology Corp H8/3003 Datasheet HTML 545Page - Renesas Technology Corp H8/3003 Datasheet HTML 546Page - Renesas Technology Corp H8/3003 Datasheet HTML 547Page - Renesas Technology Corp H8/3003 Datasheet HTML 548Page - Renesas Technology Corp H8/3003 Datasheet HTML 549Page - Renesas Technology Corp H8/3003 Datasheet HTML 550Page - Renesas Technology Corp H8/3003 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 715 page
background image
18.2.2 AC Characteristics
Bus timing parameters are listed in table 18-4. Control signal timing parameters are listed in
table 18-5. Refresh controller bus timing parameters are listed in table 18-6. Timing parameters of
the on-chip supporting modules are listed in table 18-7.
Table 18-4 Bus Timing
Condition A: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 8 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition B: VCC = 3.0 V to 5.5 V, AVCC = 3.0 V to 5.5 V, VREF = 3.0 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 10 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition C: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 16 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition A Condition B Condition C
8 MHz
10 MHz
16 MHz
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Clock cycle time
tCYC
125
500
100
500
62.5
500
ns
Clock low pulse width
tCL
40
—
30
—
20
—
Clock high pulse width
tCH
40
—
30
—
20
—
Clock rise time
tCR
—20
—
15
—
10
Clock fall time
tCF
—20
—
15
—
10
Address delay time
tAD
—60
—
50
—
30
Address hold time
tAH
25
—
20
—
10
—
Address strobe delay
tASD
—60
—
40
—
30
time
Write strobe delay time
tWSD
—60
—
50
—
30
Strobe delay time
tSD
—60
—
50
—
30
Write data strobe pulse
tWSW1*
85
—
60
—
35
—
width 1
Write data strobe pulse
tWSW2*
150
—
110
—
65
—
width 2
Address setup time 1
tAS1
20
—
15
—
10
—
Address setup time 2
tAS2
80
—
65
—
40
—
Read data setup time
tRDS
50
—
35
—
20
—
Read data hold time
tRDH
0—
0
—
0
—
Test
Conditions
Figure 18-4,
Figure 18-5
529



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com