Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 546Page - Renesas Technology Corp H8/3003 Datasheet HTML 547Page - Renesas Technology Corp H8/3003 Datasheet HTML 548Page - Renesas Technology Corp H8/3003 Datasheet HTML 549Page - Renesas Technology Corp H8/3003 Datasheet HTML 550Page - Renesas Technology Corp H8/3003 Datasheet HTML 551Page - Renesas Technology Corp H8/3003 Datasheet HTML 552Page - Renesas Technology Corp H8/3003 Datasheet HTML 553Page - Renesas Technology Corp H8/3003 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 715 page
background image
Table 18-5 Refresh Controller Bus Timing
Condition A: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 8 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition B: VCC = 3.0 V to 5.5 V, AVCC = 3.0 V to 5.5 V, VREF = 3.0 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 10 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition C: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 16 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition A Condition B Condition C
8 MHz
10 MHz
16 MHz
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
RAS delay time 1
tRAD1
—
60—
50
—
30ns
RAS delay time 2
tRAD2
—60
—
50
—
30
RAS delay time 3
tRAD3
—60
—
50
—
30
Row address hold time*
tRAH
25
—
20
—
15
—
RAS precharge time*
tRP
85
—
70
—
40
—
CAS to RAS precharge
tCRP
85
—
70
—
40
—
time*
CAS pulse width
tCAS
110
—
85
—
40
—
RAS access time*
tRAC
—
160
—
150
—
85
Address access time
tAA
—
105
—
75
—
55
CAS access time
tCAC
—50
—
50
—
25
Write data setup time 3
tWDS3
75
—
50
—
40
—
CAS setup time*
tCSR
20
—
15
—
15
—
Read strobe delay time
tRSD
—60
—
50
—
30
Note: At 8 MHz, the times below depend as indicated on the clock cycle time.
tRAH = 0.5 × tcyc – 38 (ns)
tCAC = 1.0 × tcyc – 75 (ns)
tRAC = 2.0 × tcyc – 90 (ns)
tCSR = 0.5 × tcyc – 43 (ns)
tRP = tCRP = 1.0 × tcyc – 40 (ns)
At 10 MHz, the times below depend as indicated on the clock cycle time.
tRAH = 0.5 × tcyc – 30 (ns)
tCAC = 1.0 × tcyc – 50 (ns)
tRAC = 2.0 × tcyc – 50 (ns)
tCSR = 0.5 × tcyc – 35 (ns)
tRP = tCRP = 1.0 × tcyc – 30 (ns)
At 16 MHz, the times below depend as indicated on the clock cycle time.
tRAH = 0.5 × tcyc – 16 (ns)
tCAC = 1.0 × tcyc – 38 (ns)
tRAC = 2.0 × tcyc – 40 (ns)
tCSR = 0.5 × tcyc – 16 (ns)
tRP = tCRP = 1.0 × tcyc – 23 (ns)
Test
Conditions
Figure 18-7
to
Figure 18-13
532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com