Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 548Page - Renesas Technology Corp H8/3003 Datasheet HTML 549Page - Renesas Technology Corp H8/3003 Datasheet HTML 550Page - Renesas Technology Corp H8/3003 Datasheet HTML 551Page - Renesas Technology Corp H8/3003 Datasheet HTML 552Page - Renesas Technology Corp H8/3003 Datasheet HTML 553Page - Renesas Technology Corp H8/3003 Datasheet HTML 554Page - Renesas Technology Corp H8/3003 Datasheet HTML 555Page - Renesas Technology Corp H8/3003 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 715 page
background image
Table 18-7 Timing of On-Chip Supporting Modules
Condition A: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 8 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition B: VCC = 3.0 V to 5.5 V, AVCC = 3.0 V to 5.5 V, VREF = 3.0 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 10 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition C: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 16 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition A Condition B Condition C
8 MHz
10 MHz
16 MHz
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
DMAC
DREQ setup
tDRQS
40
—
30
—
30
—
ns
Figure 18-27
time
DREQ hold
tDRQH
10
—
10
—
10
—
time
TEND delay
tTED1
—
100
—
50
—
50
Figure 18-25,
time 1
Figure 18-26
TEND delay
tTED2
—
100
—
50
—
50
time 2
ITU
Timer output
tTOCD
—
100
—
100
—
100
ns
Figure 18-21
delay time
Timer input
tTICS
50
—
50
—
50
—
setup time
Timer clock
tTCKS
50
—
50
—
50
—
Figure 18-22
input setup time
Single
tTCKWH
1.5
—
1.5
—
1.5
—
tCYC
edge
Both
tTCKWL
2.5
—
2.5
—
2.5
—
edges
SCI
Asyn-
tSCYC
4
—
4
—
4
—
Figure 18-23
chronous
Syn-
tSCYC
6—
6
—
6
—
chronous
Input clock rise
tSCKR
—
1.5
—
1.5
—
1.5
time
Input clock fall
tSCKR
—
1.5
—
1.5
—
1.5
time
Input clock
tSCKW
0.4
0.6
0.4
0.6
0.4
0.6
tSCYC
pulse width
Test
Conditions
534
Timer
clock
pulse
width
Input
clock
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com