Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 544Page - Renesas Technology Corp H8/3003 Datasheet HTML 545Page - Renesas Technology Corp H8/3003 Datasheet HTML 546Page - Renesas Technology Corp H8/3003 Datasheet HTML 547Page - Renesas Technology Corp H8/3003 Datasheet HTML 548Page - Renesas Technology Corp H8/3003 Datasheet HTML 549Page - Renesas Technology Corp H8/3003 Datasheet HTML 550Page - Renesas Technology Corp H8/3003 Datasheet HTML 551Page - Renesas Technology Corp H8/3003 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 715 page
background image
Table 18-4 Bus Timing (cont)
Condition A: VCC = 2.7 V to 5.5 V, AVCC = 2.7 V to 5.5 V, VREF = 2.7 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 8 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition B: VCC = 3.0 V to 5.5 V, AVCC = 3.0 V to 5.5 V, VREF = 3.0 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 10 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition C: VCC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, VREF = 4.5 V to AVCC,
VSS = AVSS = 0 V, ø = 2 MHz to 16 MHz, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range specifications)
Condition A Condition B Condition C
8 MHz
10 MHz
16 MHz
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Write data delay time
tWDD
—
75—
75
—
60ns
Write data setup time 1
tWDS1
60
—
65
—
35
—
Write data setup time 2
tWDS2
15
—
10
—
5
—
Write data hold time
tWDH
25
—
20
—
20
—
Read data access
tACC1*
—
110
—
100
—
55
time 1
Read data access
tACC2*
—
230
—
200
—
115
time 2
Read data access
tACC3*
—55
—
50
—
25
time 3
Read data access
tACC4*
—
160
—
150
—
85
time 4
Precharge time
tPCH*
85
—
60
—
40
—
Wait setup time
tWTS
40
—
40
—
25
—
ns
Figure 18-6
Wait hold time
tWTH
10
—
10
—
5
—
Bus request setup ime
tBRQS
40
—
40
—
40
—
ns
Figure 18-18
Bus acknowledge
tBACD1
—60
—
50
—
30
delay time 1
Bus acknowledge
tBACD2
—60
—
50
—
30
delay time 2
Bus-floating time
tBZD
—
70
—
70
—
40
Note is on next page.
Test
Conditions
Figure 18-4,
Figure 18-5
530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com