Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 290Page - Renesas Technology Corp H8/3003 Datasheet HTML 291Page - Renesas Technology Corp H8/3003 Datasheet HTML 292Page - Renesas Technology Corp H8/3003 Datasheet HTML 293Page - Renesas Technology Corp H8/3003 Datasheet HTML 294Page - Renesas Technology Corp H8/3003 Datasheet HTML 295Page - Renesas Technology Corp H8/3003 Datasheet HTML 296Page - Renesas Technology Corp H8/3003 Datasheet HTML 297Page - Renesas Technology Corp H8/3003 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 715 page
background image
9.10 Port C
9.10.1 Overview
Port C is an 8-bit input/output port that is also used for DMAC input and output (DREQ3, DREQ2,
TEND3, TEND2), CS7 to CS4 output, and IRQ7 and IRQ6 input. Port C has the same set of pin
functions in all operating modes. Figure 9-13 shows the pin configuration of port C.
Pins in port C can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair.
Figure 9-13 Port C Pin Configuration
9.10.2 Register Descriptions
Table 9-17 summarizes the registers of port C.
Table 9-17 Port C Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFD5
Port C data direction register
PCDDR
W
H'00
H'FFD7
Port C data register
PCDR
R/W
H'00
Note: * Lower 16 bits of the address.
Port C
PC (input/output)/IRQ (input)
PC (input/output)/IRQ (input)
PC (input)/DREQ (input)/CS (output)
PC (input)/TEND (output)/CS (output)
PC (input)/DREQ (input)/CS (output)
PC (input)/TEND (output)/CS (output)
7
6
5
4
3
2
1
0
Port C pins
PC (input/output)
PC (input/output)
3
2
3
2
7
6
7
5
6
4
276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com