Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 292Page - Renesas Technology Corp H8/3003 Datasheet HTML 293Page - Renesas Technology Corp H8/3003 Datasheet HTML 294Page - Renesas Technology Corp H8/3003 Datasheet HTML 295Page - Renesas Technology Corp H8/3003 Datasheet HTML 296Page - Renesas Technology Corp H8/3003 Datasheet HTML 297Page - Renesas Technology Corp H8/3003 Datasheet HTML 298Page - Renesas Technology Corp H8/3003 Datasheet HTML 299Page - Renesas Technology Corp H8/3003 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 715 page
background image
9.10.3 Pin Functions
The port C pins are also used for DMA controller input and output (DREQ3, TEND3, DREQ2,
TEND2), CS7 to CS4 output, and IRQ7 and IRQ6 input. Table 9-18 describes the selection of
functions of pins PC7 to PC2.
Table 9-18 Port C Pin Functions
Pin
Pin Functions and Selection Method
PC7/IRQ7
Bit PC7DDR selects the pin function as follows
PC7DDR
0
1
Pin function
PC7 input
PC7 output
IRQ7 input
PC6/IRQ6
Bit PC6DDR selects the pin function as follows
PC6DDR
0
1
Pin function
PC6 input
PC6 output
IRQ6 input
PC5/DREQ3/CS7
DMAC channel 3 settings (bits DTS2/1/0A and DTS2/1/0B in DTCR3A and
DTCR3B) and bit PC5DDR in PCDDR select the pin function as follows
PC5DDR
0
1
Pin function
PC5 input
CS7 output
DREQ3 input*
Note: * DREQ3 input under DMAC channel 3 settings 1 in the table below.
DMAC channel
3 settings
21
2
121
DTS2A, DTS1A
Not both 1
Both 1
DTS0A
—
00111
DTS2B
01101011
DTS1B
—
0
1
—
—
—
0
1
278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com