Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 296Page - Renesas Technology Corp H8/3003 Datasheet HTML 297Page - Renesas Technology Corp H8/3003 Datasheet HTML 298Page - Renesas Technology Corp H8/3003 Datasheet HTML 299Page - Renesas Technology Corp H8/3003 Datasheet HTML 300Page - Renesas Technology Corp H8/3003 Datasheet HTML 301Page - Renesas Technology Corp H8/3003 Datasheet HTML 302Page - Renesas Technology Corp H8/3003 Datasheet HTML 303Page - Renesas Technology Corp H8/3003 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 715 page
background image
— PWM mode
PWM output can be provided with an arbitrary duty cycle. With synchronization, up to
five-phase PWM output is possible
•
Phase counting mode selectable in channel 2
Two-phase encoder output can be counted automatically.
•
Three additional modes selectable in channels 3 and 4
— Reset-synchronized PWM mode
If channels 3 and 4 are combined, three-phase PWM output is possible with three pairs of
complementary waveforms.
— Complementary PWM mode
If channels 3 and 4 are combined, three-phase PWM output is possible with three pairs of
non-overlapping complementary waveforms.
— Buffering
Input capture registers can be double-buffered. Output compare registers can be updated
automatically.
•
High-speed access via internal 16-bit bus
The 16-bit timer counters, general registers, and buffer registers can be accessed at high speed
via a 16-bit bus.
•
Fifteen interrupt sources
Each channel has two compare match/input capture interrupts and an overflow interrupt. All
interrupts can be requested independently.
•
Activation of DMA controller (DMAC)
Four of the compare match/input capture interrupts from channels 0 to 3 can start the DMAC.
•
Output triggering of programmable pattern controller (TPC)
Compare match/input capture signals from channels 0 to 3 can be used as TPC output
triggers.
282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com