Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 295Page - Renesas Technology Corp H8/3003 Datasheet HTML 296Page - Renesas Technology Corp H8/3003 Datasheet HTML 297Page - Renesas Technology Corp H8/3003 Datasheet HTML 298Page - Renesas Technology Corp H8/3003 Datasheet HTML 299Page - Renesas Technology Corp H8/3003 Datasheet HTML 300Page - Renesas Technology Corp H8/3003 Datasheet HTML 301Page - Renesas Technology Corp H8/3003 Datasheet HTML 302Page - Renesas Technology Corp H8/3003 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 715 page
background image
Section 10 16-Bit Integrated Timer Unit (ITU)
10.1 Overview
The H8/3003 has a built-in 16-bit integrated timer unit (ITU) with five 16-bit timer channels.
10.1.1 Features
ITU features are listed below.
•
Capability to process up to 12 pulse outputs or 10 pulse inputs
•
Ten general registers (GRs, two per channel) with independently-assignable output compare
or input capture functions
•
Selection of eight counter clock sources for each channel:
Internal clocks: ø, ø/2, ø/4, ø/8
External clocks: TCLKA, TCLKB, TCLKC, TCLKD
•
Five operating modes selectable in all channels:
— Waveform output by compare match
Selection of 0 output, 1 output, or toggle output (only 0 or 1 output in channel 2)
— Input capture function
Rising edge, falling edge, or both edges (selectable)
— Counter clearing function
Counters can be cleared by compare match or input capture
— Synchronization
Two or more timer counters (TCNTs) can be preset simultaneously, or cleared
simultaneously by compare match or input capture. Counter synchronization enables
synchronous register input and output.
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com