Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 291Page - Renesas Technology Corp H8/3003 Datasheet HTML 292Page - Renesas Technology Corp H8/3003 Datasheet HTML 293Page - Renesas Technology Corp H8/3003 Datasheet HTML 294Page - Renesas Technology Corp H8/3003 Datasheet HTML 295Page - Renesas Technology Corp H8/3003 Datasheet HTML 296Page - Renesas Technology Corp H8/3003 Datasheet HTML 297Page - Renesas Technology Corp H8/3003 Datasheet HTML 298Page - Renesas Technology Corp H8/3003 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 715 page
background image
Port C Data Direction Register (PCDDR): PCDDR is an 8-bit write-only register that can select
input or output for each pin in port C.
When bits in PCDDR are set to 1, pins PC7, PC6, PC1, and PC0 become generic output pins and
pins PC5 to PC2 become CS7 to CS4 output pins. When bits in PCDDR are cleared to 0, the
corresponding pins become input pins.
PCDDR is a write-only register. Its value cannot be read. All bits return 1 when read.
PCDDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting, so if a PCDDR bit is set to 1, the corresponding pin maintains its
output state in software standby mode.
Port C Data Register (PCDR): PCDR is an 8-bit readable/writable register that stores data for
pins PC7 to PC0.
When a bit in PCDDR is set to 1, if port C is read the value of the corresponding PCDR bit is
returned directly. When a bit in PCDDR is cleared to 0, if port C is read the corresponding pin
level is read.
PCDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
Bit
Initial value
Read/Write
7
PC DDR
0
W
Port C data direction 7 to 0
These bits select input or output for port C pins
7
6
PC DDR
0
W
6
5
PC DDR
0
W
5
4
PC DDR
0
W
4
3
PC DDR
0
W
3
2
PC DDR
0
W
2
1
PC DDR
0
W
1
0
PC DDR
0
W
0
Bit
Initial value
Read/Write
0
PC
0
R/W
0
1
PC
0
R/W
1
2
PC
0
R/W
2
3
PC
0
R/W
3
4
PC
0
R/W
4
5
PC
0
R/W
5
6
PC
0
R/W
6
7
PC
0
R/W
7
Port C data 7 to 0
These bits store data for port C pins
277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com