Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 316Page - Renesas Technology Corp H8/3003 Datasheet HTML 317Page - Renesas Technology Corp H8/3003 Datasheet HTML 318Page - Renesas Technology Corp H8/3003 Datasheet HTML 319Page - Renesas Technology Corp H8/3003 Datasheet HTML 320Page - Renesas Technology Corp H8/3003 Datasheet HTML 321Page - Renesas Technology Corp H8/3003 Datasheet HTML 322Page - Renesas Technology Corp H8/3003 Datasheet HTML 323Page - Renesas Technology Corp H8/3003 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 715 page
background image
Bit 5—Master Enable TOCXB4 (EXB4): Enables or disables ITU output at pin TOCXB4.
Bit 5
EXB4
Description
0
TOCXB4 output is disabled regardless of TFCR settings (TOCXB4 operates as a generic
input/output pin).
If XTGD = 0, EXB4 is cleared to 0 when input capture A occurs in channel 1.
1
TOCXB4 is enabled for output according to TFCR settings
(Initial value)
Bit 4—Master Enable TOCXA4 (EXA4): Enables or disables ITU output at pin TOCXA4.
Bit 4
EXA4
Description
0
TOCXA4 output is disabled regardless of TFCR settings (TOCXA4 operates as a generic
input/output pin).
If XTGD = 0, EXA4 is cleared to 0 when input capture A occurs in channel 1.
1
TOCXA4 is enabled for output according to TFCR settings
(Initial value)
Bit 3—Master Enable TIOCB3 (EB3): Enables or disables ITU output at pin TIOCB3.
Bit 3
EB3
Description
0
TIOCB3 output is disabled regardless of TIOR3 and TFCR settings (TIOCB3 operates as
a generic input/output pin).
If XTGD = 0, EB3 is cleared to 0 when input capture A occurs in channel 1.
1
TIOCB3 is enabled for output according to TIOR3 and TFCR settings
(Initial value)
302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com